PART |
Description |
Maker |
HUF76105DK8 FN4380 HUF76105DK8T |
5A/ 30V/ 0.050 Ohm/ Dual N-Channel/ Logic Level UltraFET Power MOSFET From old datasheet system 5A, 30V, 0.050 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET 5A, 30V, 0.050 Ohm, Dual N-Channel,Logic Level UltraFET Power MOSFET(5A, 30V, 0.050 Ω,双N沟道,逻辑电平,UltraFET功率MOS场效应管) TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 5A I(D) | SO 5 A, 30 V, 0.072 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET, MS-012AA
|
Intersil Corporation Intersil, Corp.
|
FDD044AN03 FDD044AN03L FDU044AN03L |
VARISTOR STD 250VRMS 3225 SMD 35 A, 30 V, 0.0044 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA 30V N-Channel PowerTrench? MOSFET 30V N-Channel PowerTrench MOSFET
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
FDC855N |
30V Single N-Channel, Logic Level, PowerTrench MOSFET; Package: SSOT-6; No of Pins: 6; Container: Tape & Reel 6100 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, MO-193AA Single N-Channel, Logic Level, PowerTrench㈢ MOSFET 30V, 6.1A, 27mヘ Single N-Channel, Logic Level, PowerTrench? MOSFET 30V, 6.1A, 27mΩ
|
Fairchild Semiconductor, Corp.
|
FQPF45N03L |
TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 29A I(D) | TO-220F 晶体管| MOSFET的| N沟道| 30V的五(巴西)直|9A条(丁)|20F 30V LOGIC N-Channel MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
STS7C4F30L |
7 A, 30 V, 0.026 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET N-CHANNEL 30V - 0.018 ohm - 7A SO-8 P-CHANNEL 30V - 0.070 ohm - 4A SO-8 STripFET⑩ POWER MOSFET P-CHANEL 30V - 0.027 OHM - 6A SO-8 STRIPFET II POWER MOSFET N-CHANNEL 30V - 0.018 ohm - 7A SO-8 P-CHANNEL 30V - 0.070 ohm - 4A SO-8 STripFET POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
FQI45N03L FQB45N03L |
30V LOGIC N-Channel MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 45A I(D) | TO-263AB
|
http:// FAIRCHILD[Fairchild Semiconductor]
|
FDP7030BLSS62Z FDB7030BLS |
56 A, 30 V, 0.0105 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 56A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 30V的五(巴西)直|6A条(丁)|63AB TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 56A I(D) | TO-220AB
|
Fairchild Semiconductor, Corp. ITT, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
STS4DNFS30L 8566 STS4DNFS30 |
N-CHANNEL 30V - 0.044 OHM - 4A SO-8 STRIPFET II MOSFET PLUS SCHOTTKY RECTIFIER N-CHANNEL 30V - 0.044 OHM - 4A SO-8 STRIPFET II MOSFET PLUS SCHOTTKY RECTIFIER N-CHANNEL 30V - 0.044ohm - 4A SO-8 STripFET⑩ II MOSFET PLUS SCHOTTKY RECTIFIER From old datasheet system N-CHANNEL POWER MOSFET N-CHANNEL 30V - 0.044ohm - 4A SO-8 STripFET?/a> II MOSFET PLUS SCHOTTKY RECTIFIER
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STS7PF30L |
P-CHANNEL 30V - 0.016 OHM - 7A SO-8 STRIPFET II POWER MOSFET P-CHANNEL 30V - 0.016ohm - 7A SO-8 STripFET⑩ II POWER MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
FDB8160 FDB8160-F085 FDB8160F085 |
30V N-Channel PowerTrenchMOSFET N-Channel PowerTrench? MOSFET 30V, 80A, 1.8mΩ
|
Fairchild Semiconductor
|
STK85007 STK850 |
N-channel 30V - 0.0024Ω - 30A - PolarPAK? STripFET Power MOSFET nullN-channel 30V - 0.0024ヘ - 30A - PolarPAK㈢ STripFET⑩ Power MOSFET
|
STMicroelectronics
|
SI4435DY SI4435DYTR |
-30V Single P-Channel HEXFET Power MOSFET in a SO-8 package Power MOSFET(Vdss=-30V Rds(on)=0.020ohm Power MOSFET(Vdss=-30V, Rds(on)=0.020ohm Power MOSFET(Vdss=-30V/ Rds(on)=0.020ohm SHROUD, PRIVACY; RoHS Compliant: Yes
|
IRF[International Rectifier]
|